Part Number Hot Search : 
MAX81405 P328G EHS2Z1 MAX815N EHS2Z1 MC20A PQ100 S2000
Product Description
Full Text Search
 

To Download BD140-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bd136 / bd138 / bd140 pnp general purpose transistor elektronische bauelemente 29-mar-2012 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen and lead free features  high current classification of h fe product-rank bd136-6 bd136-10 bd136-16 product-rank bd138-6 bd138-10 bd138-16 product-rank bd140-6 BD140-10 bd140-16 range 40~100 63~160 100~250 absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol ratings unit collector - base voltage bd136 v cbo -45 v bd138 -60 bd140 -80 collector - emitter voltage bd136 v ceo -45 v bd138 -60 bd140 -80 emitter - base voltage v ebo -5 v collector current -continuous i c -1.5 a collector power dissipation p c 1.25 w maximum junction to ambient r ja 100 c / w junction, storage temperature t j , t stg 150, -55 ~ 150 c to-126 1 11 1 emitter 2 22 2 collector 3 33 3 base c d b a e n f l g k j h m ref. millimeter ref. millimeter min. max. min. max. a 7.40 7.80 h 1.10 1.50 b 2.50 2.90 j 0.45 0.60 c 10.60 11.00 k 0.66 0.86 d 15.30 15.70 l 2.10 2.30 e 3.70 3 .90 m 1.17 1.37 f 3.90 4.10 n 3.00 3.20 g 2.29 typ.
bd136 / bd138 / bd140 pnp general purpose transistor elektronische bauelemente 29-mar-2012 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector - base breakdown voltage bd136 v (br)cbo -45 - - v i c = -0.1ma, i e =0 bd138 -60 - - bd140 -80 - - collector-emitter sustaining voltage 1 bd136 v ceo(sus) -45 - - v i c = -0.03a, i b =0 bd138 -60 - - bd140 -80 - - emitter - base breakdown voltage v (br)ebo -5 - - v i c =0, i e = -0.1ma collector cut - off current i cbo - - -0.1 a v cb = -30v, i e = 0 emitter cut-off current i ebo - - -10 a v eb = -5v, i c = 0 dc current gain 1 h fe 40 - 250 v ce = -2v, i c = -150ma 25 - - v ce = -2v, i c = -5ma 25 - - v ce = -2v, i c = -500ma collector - emitter saturation voltage 1 v ce(sat) - - -0.5 v i c = -500ma, i b = -50ma base C emitter voltage 1 v be - - -1 v v ce = -2v, i c = -500ma note: 1. pulse test: pulse width 350 s, duty cycle 2.0%.


▲Up To Search▲   

 
Price & Availability of BD140-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X